PART |
Description |
Maker |
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
NCP1117XT12 NCP1117ST15T3 NCV1117ST15T3 NCP1117DT2 |
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.25 V-18.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 GIGATRUE 550 CAT6 PATCH 6 FT, SNAGLESS, WHITE 1.0低压差正,固定和可调电压调节 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 FF-SYB Series, type 4 two-beam access control systems 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 2 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 MOSFET N-CH 200V 15A TO-220FN GIGATRUE 550 CAT6 PATCH 5 FT, SNAGLESS, WHITE GIGATRUE 550 CAT6 PATCH 7 FT, SNAGLESS, WHITE
|
ONSEMI[ON Semiconductor]
|
LX8384-XXIDT-TR LX8384A-XXCDD-TR LX8384A-XXCDT-TR |
5A Low Dropout Positive Regulators Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Microsemi Corporation http:// Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
LT1129 LT1129-3.3 LT1129-5 LT1129CQ LT1129CQ-3.3 L |
Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 DSUB 13W3 F PCR/A BRAC B/L G Micropower Low Dropout Regulators with Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
LT1129CQ-5TRPBF LT1129CQTRPBF LT1129CQ-3.3PBF LT11 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSFM5 400mV Dropout Voltage
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
OM7624NM OM7621NM OM7622NM OM7623NM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
|
IRF[International Rectifier]
|
TC55RP1101ECB713 TC55RP1101ECB723 TC55RP1101ECBRT |
2.4 V FIXED POSITIVE LDO REGULATOR, PSSO3 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO3 4.5 V FIXED POSITIVE LDO REGULATOR, PSSO3 4.5 V FIXED POSITIVE LDO REGULATOR, PDSO3 4.8 V FIXED POSITIVE LDO REGULATOR, PDSO3 1μA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1レA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1uA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.4 V FIXED POSITIVE LDO REGULATOR, PDSO3 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO3
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
MCP1825 MCP1825-0802E_AB MCP1825-0802E_AT MCP1825- |
0.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM5 1.2 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSSO5 500 mA, Low Voltage, Low Quiescent Current LDO Regulator
|
Microchip Technology
|
NCP565D2T33G NCP565ST12T3G NCP565D2T12G NCP565D2T3 |
1.5 A Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 0.9 V-7.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
|